Part Number Hot Search : 
110TR DVCH2800 M5829 61330 15KPA78A 36000 24015 VA2AWG
Product Description
Full Text Search
 

To Download SR250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rectifier specialists r dc components co., l td. technical specifica tions of schottky barrier rectifier vol t age range - 20 to 100 v olts current - 2.0 ampere features * low switching noise * low forward voltage drop * high current capability * high switching capability * high surge capabitity * high reliability mechanical data maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * mounting position: any * weight: 0.4 gram sr220 thru sr2100 notes : 1. thermal resistance (junction to ambient): vertical pc board mounting, 0.375"(9.5mm) lead length. 2. measured at 1 mhz and applied reverse voltage of 4.0 volts. dimensions in inches and (millimeters) maximum dc reverse current at rated dc blocking voltage v f i r mamps maximum instantaneous forward voltage at 2.0a dc volts 1.0 20 @t a = 25 o c @t a = 100 o c .55 .70 .85 mamps maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current .375*(9.5mm) lead length peak forward surge current 8.3 ms single half sine-wave superimposed on rated load (jedec method) typical thermal resistance (note 1) typical junction capacitance (note 2) symbol v rrm v dc i fsm c j t stg v rms units volts volts volts amps 2.0 50 50 11 0 amps 0 c/w 0 c storage temperature range r ja i o -50 to + 125 pf operating temperature range t j sr220 sr230 sr240 SR250 sr260 sr280 sr2100 -65 to + 150 0 c 20 30 40 50 60 80 100 14 21 28 35 42 56 70 20 30 40 50 60 80 100 * lead: mil-std-202e, method 208 guaranteed * polarity: color band denotes cathode end q do-15 22
r dc components co., l td. ra ting and characteristic cur ves (sr220 thru sr2100) 23


▲Up To Search▲   

 
Price & Availability of SR250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X